Part Number Hot Search : 
5ADJB G690L 382008 WFP10N60 300B12 15004 14S20 KE39A
Product Description
Full Text Search
 

To Download HDK5361 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  -155 -90 -120 -135 -142 -147 phase noise ( typical ) [ 156.250 mhz ] dbc / hz -75 offset 10 hz 100 hz 1k hz 10 khz 100khz 1 mhz 2.5 v oscillators series [ differential lvds ] HDK5361 series start - up time (ts) 10 m sec.( typical ) lvds output general specifications smd lvds out p ut 2.5 v 5 % features hdk femto second integrated phase jitter ( 200 fs typical , 12 khz to 20 mhz ) . mercury www .mercury-cryst al.com taiwan : (886)-2-2406-2779 / sales-tw@mercury-crystal.com u.s.a: (1)-909-466-0427 / sales-us@mercury-crystal.com china : (86)-512-5763-8100 / sales-cn@mecxtal.com outline dimensions ( unit : mm ) paramenters electrical spec. input voltage ( v dd ) 0.9 v ( rl = 100 ? ) frequency range / load output wave form duty cycle 50% 10% [ 50% 5% is also available ] frequency stability (1) codes integrated phase noise ( 12 khz to 20 mhz ) 0.2 ps ( typical ) ; 0.5 ps ( max.) rise time ( tr ) / fall time ( tf ) 10 mhz commercial ( -1 0c to +70c ) a 5.0 x 3.2 x 1.2 mm tri-state function available on pad no. 1. applications ultra small smd seam sealed clock crystal oscillator units. load hdk supeior phase noise ( -138 dbc/hz at 10 khz and -144 dbc/hz at 100 khz offset ). 2.5 v or 3.3 v supply voltage . 13.5 mhz ~ 200,0 mhz typical max. 1.43 v ( rl = 100 ? ) 1.60 v ( rl = 100 ? ) 250 mv min. ( v dd = +2.5v ) current consumption ( 15 pf load ) ef operating temperature range desired stability after the " c " or " i " " i 20 " 20 ppm over -40c to +85c 100 ppm " c20 " 20 ppm over -10c to +70c ; d industrial ( -40c to +85c ) for example : frequency stability over 25 ppm 50 ppm 30 ma ( typical ) , 50 ma ( max.) 0.3n sec.( typical ) ; 0.5 n sec. ( max.) bc output logic high " 1 " aging 3 ppm per year (max.) if non-standard , please enter the 50 ? into vcc - 2v or thevenin equivalent storage temperature - 50c to 100c 1.1 v ( rl = 100 ? ) output logic low " 0 " min. typical output voltage swing


▲Up To Search▲   

 
Price & Availability of HDK5361

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X